Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Electrical specifications
L99MD01
16/54
Doc ID 17242 Rev 6
Table 10.
Switches
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
rON HS 1-8
On resistance VSA / VSB to
OUT 1-8
Tj = 25 °C,
IOUT1-8 = -0.25 A
900
1200
m
Ω
Tj = 125 °C,
IOUT1-8 = -0.25 A
1300
1800
m
Ω
rONLSHC 1-8
On resistance OUT 1-8 to GND
in HC mode
Tj = 25 °C, HC=1
IOUT1-8 = 0.25 A
700
1000
m
Ω
Tj = 125 °C, HC=1
IOUT1-8 = 0.25 A
1000
1500
m
Ω
rONLSLC 1-8
On resistance OUT 1-8 to GND
in LC mode
Tj = 25 °C, HC=0
IOUT1-8 = 0.125 A
1200
1800
m
Ω
Tj = 125 °C, HC=0
IOUT1-8 = 0.125 A
2000
2800
m
Ω
ISCHS1-8
HS overcurrent protection
VS = 13.5 V
0.8
1.4
A
ISCLSHC1-8
LS overcurrent protection in HC
mode
VS = 13.5 V, HC = 1
0.8
1.4
A
ISCLSLC1-8
LS overcurrent protection in LC
mode
VS = 13.5 V, HC = 0
0.4
0.7
A
td ON1-8 H
Output delay time, HS switch on VS = 13.5 V, Rload = 52 Ω
10
25
80
µs
td OFF1-8 H
Output delay time, HS switch off VS = 13.5 V, Rload = 52 Ω
50
100
300
µs
td ON1-8 L
Output delay time, LS switch on VS = 13.5 V, Rload = 52 Ω
515
80
µs
td OFF1-8 L
Output delay time, LS switch off VS = 13.5 V, Rload = 52 Ω
50
100
300
µs
tD LH/tD HL
Cross current protection time
20
200
400
µs
IQLH
Switched-off output current HS
OUT 1-8
VOUT1-8 = 0 V
-2
µA
IQLL
Switched-off output current LS
OUT 1-8
VOUT1-8 = VS
2µA
IOLDHS1-8
Open-load detection current HS
OUT 1-8
Tj =-40 °C
8
30
60
mA
Tj = 25 °C to 125 °C
10
30
60
mA
IOLDLSHC1-8
Open-load detection current LS
OUT 1-8 in HC mode
HC bit set to 1; Tj = -40 °C
4.5
30
65
mA
HC bit set to 1;
Tj = 25 °C to 125 °C
830
60
mA
IOLDLSLC1-8
Open-load detection current LS
OUT 1-8 in LC mode
HC bit set to 0; Tj = -40 °C
1.8
15
35
mA
HC bit set to 0;
Tj = 25 °C to 125 °C
415
30
mA
tdOL
Minimum duration of open-load
condition to set the status bit
500
2000
3000
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com