Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 27Page - STMicroelectronics L99MD01 Datasheet HTML 28Page - STMicroelectronics L99MD01 Datasheet HTML 29Page - STMicroelectronics L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics L99MD01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
L99MD01
SPI control and status register
Doc ID 17242 Rev 6
31/54
15
14
13
12
11
10
9876
543210
11h
R
0000
0000
Status open-load
15
14
13
12
11
10
9876
543210
12h
R
0000
0000
Status TSD; over/ undervoltage
Table 25.
Control status register (continued)
Data byte 1
Data byte 0
Table 26.
Control register 1
Bit
Control register 1 (read/write); address 01h
Name
Comment
15
OUT8 – HS on/off
If a bit is set, the selected output driver is switched on.
If the corresponding PWM enable bit is set the driver is PWMed.
If the bits of HS- and LS-driver of the same half bridge are set, the HS- and the
LS-driver is deactivated.
14
OUT8 – LS on/off
13
OUT7 – HS on/off
12
OUT7 – LS on/off
11
OUT6 – HS on/off
10
OUT6 – LS on/off
9
OUT5 – HS on/off
8
OUT5 – LS on/off
7
OUT4 – HS on/off
6
OUT4 – LS on/off
5
OUT3 – HS on/off
4
OUT3 – LS on/off
3
OUT2 – HS on/off
2
OUT2 – LS on/off
1
OUT1 – HS on/off
0
OUT1 – LS on/off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com