Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics L99MD01 Datasheet HTML 35Page - STMicroelectronics L99MD01 Datasheet HTML 36Page - STMicroelectronics L99MD01 Datasheet HTML 37Page - STMicroelectronics L99MD01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
SPI control and status register
L99MD01
34/54
Doc ID 17242 Rev 6
Table 31.
Control register 4
Bit
Control register 4 (read/write); address 04h
Name
Comment
15
OUTx to CURR2 bit 2
Bit
setting
111
110
101
100
011
010
001
000
14
OUTx to CURR2 bit 1
To
CURR2
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
13
OUTx to CURR2 bit 0
12
Enable CURR2
Enable the current monitor output 2
11
OUTx to CURR1 bit 2
Bit
setting
111
110
101
100
011
010
001
000
10
OUTx to CURR1 bit 1
To
CURR1
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
9
OUTx to CURR1 bit 0
8
Enable CURR1
Enable the current monitor output 1
7-
6-
5-
4-
3
CURR2 K-factor
Current monitor ratio IOUTx/ICURR
If the high current bit (register 03h) is set to 0 the ratio for the low-side is the
double of the programmed one.
2
CURR2 K-factor
1
CURR1 K-factor
0
CURR1 K-factor
Table 32.
Ratio for CURR2
Bit3
Bit2
Ratio for CURR2
0
0
1/1000
01
1/750
10
1/500
11
1/250
Table 33.
Ratio for CURR1
Bit1
Bit0
Ratio for CURR1
0
0
1/1000
01
1/750
10
1/500
11
1/250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com