Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 7Page - STMicroelectronics L99MD01 Datasheet HTML 8Page - STMicroelectronics L99MD01 Datasheet HTML 9Page - STMicroelectronics L99MD01 Datasheet HTML 10Page - STMicroelectronics L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
L99MD01
Pin definitions and functions
Doc ID 17242 Rev 6
11/54
3
Pin definitions and functions
Table 3.
Pin description
Pin
Symbol
Function
1, 18, 19, 36
PGND
Power ground: reference potential
9AGND
Analog ground: reference potential
27
DGND
Digital ground: reference potential
6, 10, 13
N.C.
Not connected
Exposed pad: reference potential connected to PGND
2, 3, 16, 17,
20, 21, 34, 35
OUT 1 - 8
Half bridge-output:
the output is built by a high-side and a low-side switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain-diode: high-side driver from output to VSx, low-side driver
from PGND to output).
29
VCC
Logic voltage supply 3.3 V / 5 V
For this input a ceramic capacitor as close as possible to AGND is
recommended
4, 5, 32, 33
VSA
Power supply voltage for OUT 1 to 4 (external reverse protection
required):
For this input a ceramic capacitor as close as possible to PGND is
recommended.
Important: for the capability of driving the full current at the outputs all
pins of VSA must be externally connected!
14, 15, 22, 23
VSB
Power supply voltage for OUT 5 to 8 (external reverse protection
required):
For this input a ceramic capacitor as close as possible to PGND is
recommended.
Important: for the capability of driving the full current at the outputs all
pins of VSA must be externally connected!
11
VS2MON
VS2 monitoring
12
VS
VS supply and monitoring
25
SMPS
SMPS gate driver.
For overcurrent and overvoltage protection a external resistor is
recommended
7, 8
CURR1 / 2 Current monitor 1 / 2
31
EN
Enable the L99MD01
28
DI
SPI data in: the input requires CMOS logic levels and receives serial
data from the microcontroller. The data is a 24 bit control word and the
most significant bit (MSB) is transferred first.
26
DO
SPI data out: the diagnosis data is available via the SPI and this
3-state output. The output remains in 3-state, if the chip is not
selected by the input CSN (CSN = high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com