Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Electrical specifications
L99MD01
18/54
Doc ID 17242 Rev 6
ICURRLSLC250
LS current monitor output
ratio in LC mode:
ICURRLSLC1/2 / IOUT 1-8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
HC = 0; Imax = 400 mA
1/250
-
ICURRLSLC375
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
HC = 0; Imax = 400 mA
1/375
-
ICURRLSLC500
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
HC = 0; Imax = 400 mA
1/500
-
ICURRHS1/2 acc
HS current monitor accuracy
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V; IOUT 1-8 max =0.8 A
(FS = full scale=
800
mA*current ratio); Tj =-
40 °C
4% +
1%FS
10% +
3%FS
-
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V; IOUT 1-8 max =0.8 A;
(FS = full scale=
800
mA*current ratio);
Tj = 25 °C to 125 °C
4% +
1%FS
8% +
2%FS
ICURRLSHC1/2 acc
LS current monitor accuracy
in HC mode
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V;
0.4 A
≤ IOUT1-8 ≤ 0.8 A
(FS = full scale=
800
mA*current ratio)
4% +
1%FS
10% +
3%FS
-
ICURRLSLC1/2 acc
LS current monitor accuracy
in LC mode
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V;
IOUT 1-8 max = 0.4 A
(FS = full scale=
800
mA*current ratio)
4% +
1%FS
10% +
3%FS
-
Table 11.
Current monitor output (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12.
Current monitor dynamic characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
td-CM
Output to current monitor delay
time
IOUT from 100 mA to
200 mA; td-CM measured
from 50 % IOUT to 50 % ICM
—2
—
µs
Table 13.
SMPS switched mode power supply gate driver output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSMPSHI
SMPS output voltage high
VS = 8 V, ISMPS = -10 mA
4.5
5.5
6.5
V
VSMPL
SMPS output voltage low
VS = 8 V, ISMPS = 10 mA
100
mV
tSMPSH
Output rise time
VS = 13.5 V, Cout = 2 nF
110
160
ns
tSMPSL
Output fall time
VS = 13.5 V, Cout = 2 nF
110
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com