Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
L99MD01
Electrical specifications
Doc ID 17242 Rev 6
15/54
ICC
VCC DC supply current
VSx = 13 V, VCC = 5.0 V
EN = high
13
mA
VCC quiescent supply current
VS = 13 V, VCC = 5.0 V
CSN = VCC
EN = low
Outputs floating
520
µA
Table 8.
Supply (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 9.
Overvoltage and undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR OFF
power-on-reset threshold
VCC increasing
3.0
V
VPOR ON
power-on-reset threshold
VCC decreasing
2.3
V
VPOR hyst
power-on-reset hysteresis
VPOR OFF - VPOR ON
0.2
V
VSUV OFF
VS UV-threshold voltage
VS increasing
6.0
6.7
V
VSUV ON
VS UV-threshold voltage
VS decreasing
5.4
6
V
VSUV hyst
VS UV-hysteresis
VSUV OFF - VSUV ON
0.35
0.5
V
VSAUV OFF VSA UV-threshold voltage
VSA increasing
5.95
6.7
V
VSAUV ON
VSA UV-threshold voltage
VSA decreasing
5.4
6
V
VSAUV hyst VSA UV-hysteresis
VSAUV OFF - VSAUV ON
0.35
0.5
V
VSBUV OFF VSB UV-threshold voltage
VSB increasing
5.95
6.7
V
VSBUV ON
VSB UV-threshold voltage
VSB decreasing
5.4
6
V
VSBUV hyst VSB UV-hysteresis
VSBUV OFF - VSBUV ON
0.35
0.5
V
VSOV ON
VS OV-threshold voltage
VS increasing
24
V
VSOV OFF
VS OV-threshold voltage
VS decreasing
18
V
VSOV hyst
VS OV-hysteresis
VSOV ON - VSOV OFF
0.75
1
V
VS2UV OFF
VS2 UV-threshold voltage
VS2 increasing
VS+5
V
VS2UV ON
VS2 UV-threshold voltage
VS2 decreasing
VS+1
V
VS2UV hyst
VS2 UV-hysteresis
VS2UV OFF - VS2UV ON
0.55
0.8
1.15
V
VS2OV ON
VS2 OV-threshold voltage
VS increasing
38
V
VS2OV OFF VS2 OV-threshold voltage
VS decreasing
32
V
VS2OV hyst
VS2 OV-hysteresis
VS2OV ON - VS2OV OFF
0.75
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com