Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 44Page - STMicroelectronics L99MD01 Datasheet HTML 45Page - STMicroelectronics L99MD01 Datasheet HTML 46Page - STMicroelectronics L99MD01 Datasheet HTML 47Page - STMicroelectronics L99MD01 Datasheet HTML 48Page - STMicroelectronics L99MD01 Datasheet HTML 49Page - STMicroelectronics L99MD01 Datasheet HTML 50Page - STMicroelectronics L99MD01 Datasheet HTML 51Page - STMicroelectronics L99MD01 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Package and PCB thermal data
L99MD01
48/54
Doc ID 17242 Rev 6
8
Package and PCB thermal data
8.1
PowerSSO-36 thermal data
Figure 20.
PowerSSO-36 PC board
Note:
Board finish thickness 1.6 mm +/- 10%; Board double layer and four layers; Board dimension 129 mm x 60 mm;
Board Material FR4; Cu thickness 0.070 mm (outer layers); Cu thickness 0.035mm (inner layers);
Thermal vias separation 1.2 mm; Thermal via diameter 0.3 mm +/-0.08 mm; Cu thickness on vias 0.025 mm;
Footprint dimension 4.1 mm x 6.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com