Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 25Page - STMicroelectronics L99MD01 Datasheet HTML 26Page - STMicroelectronics L99MD01 Datasheet HTML 27Page - STMicroelectronics L99MD01 Datasheet HTML 28Page - STMicroelectronics L99MD01 Datasheet HTML 29Page - STMicroelectronics L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
L99MD01
SPI control and status register
Doc ID 17242 Rev 6
29/54
6
SPI control and status register
Table 23.
RAM memory map
Address
Name
Access
Content
01h
Control register 1
Read/write
Output switch on/off
02h
Control register 2
Read/write
SMPS driver configuration
03h
Control register 3
Read/write
Low-side high current mode
VS configuration
SMPS configuration
04h
Control register 4
Read/write
Current multiplexer
05h
Control register 5
Read/write
PWM
06h
Control register 6
Read/write
Open-load
10h
Status register 0
Read only
Overcurrent
11h
Status register 1
Read only
Open-load
12h
Status register 2
Read only
TSD
Over/undervoltage
Table 24.
ROM memory map (access with OC0 and OC1 set to ‘1’)
Address
Name
Access
Content
00h
ID Header
Read only
43h (device class ASSP, 2 additional information
bytes)
01h
Version
Read only
00h (engineering samples) (ST-SPI)
02h
ProducCode1
Read only
3Eh (62 ST_SPI)
03h
ProducCode2
Read only
4Eh (N ST_SPI)
3Dh
Fuses
Read only
Fuse data 9 - 0
3Eh
SPI-Frame ID
Read only
02h SPI-Frame-ID Register (24 Bit ST_SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com