Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics L99MD01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
L99MD01
Electrical specifications
Doc ID 17242 Rev 6
19/54
Figure 5.
SMPS timings
4.4.1
SPI electrical characteristics
VS = 6 to 18 V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
tdONSMPS
Output delay time, switch to
high
VS = 13.5 V, Cout = 2 nF
110
160
ns
tdOFFSMPS
Output delay time, switch to
low
VS = 13.5 V, Cout = 2 nF
30
100
ns
tdON-OFFSMPS
Output delay time difference
ON/OFF
VS = 13.5 V, Cout = 2 nF
80
120
ns
RSMPS
Pull down resistor, SMPS
23
50
100
k
Ω
Table 13.
SMPS switched mode power supply gate driver output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 14.
Oscillator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fCLK
Internal clock frequency
2.8
4
5.2
MHz
Table 15.
DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SDI, SCK, CSN, EN
VIL
Input low voltage
0.3VCC
V
VIH
Input high voltage
0.7VCC
V
ICSN in
Pull up current at input CSN
VCSN = 1.5 V;
VCC = 5 V
8
20
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com