Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
L99MD01
Electrical specifications
Doc ID 17242 Rev 6
17/54
Figure 4.
Output turn-on/off delays and slew rates
tISC
Minimum duration of
overcurrent condition to switch
off the driver
10
32
100
μs
dVOUT1-8/dt Slew rate of OUT 1-8
VS = 13.5 V, Rload = 52 Ω
0.10.250.5
V/µs
Table 10.
Switches (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 11.
Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCURR1/2
Functional voltage range
VCC = 5 V
0
VCC -1
V
ICURRHSLS250
HS/LS current monitor
output ratio: ICURR1/2 / IOUT 1-
8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
Imax =800 mA, HC =1
1/250
-
ICURRHSLS500
HS/LS current monitor
output ratio: ICURR1/2 / IOUT 1-
8
0V
≤ VCURR1/2 ≤VCC -1 V,
VCC = 5 V; prog. via SPI,
Imax =800 mA, HC =1
1/500
-
ICURRHSLS750
HS/LS current monitor
output ratio: ICURR1/2 / IOUT 1-
8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
Imax =800 mA, HC =1
1/750
-
ICURRHSLS1000
HS/LS current monitor
output ratio: ICURR1/2 / IOUT 1-
8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
Imax =800 mA, HC =1
1/1000
-
ICURRLSLC125
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-8
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC = 5 V; prog. via SPI,
HC = 0; Imax = 400 mA
1/125
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com