Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics L99MD01 Datasheet HTML 23Page - STMicroelectronics L99MD01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Electrical specifications
L99MD01
20/54
Doc ID 17242 Rev 6
ISCK in
Pull down current at input SCK
VSCK = 1.5 V;
VCC = 5 V
10
25
50
µA
IDI in
Pull down current at input DI
VDI = 1.5 V;
VCC = 5 V
10
25
50
µA
REN in
Pull down resistor at input EN
VEN = 1.5 V;
VCC = 5 V
25
50
115
k
Ω
SDO
VOL
Output low voltage
Iout = 2 mA
0.2
0.4
V
VOH
Output high voltage
Iout = +2 mA
VCC -
0.4
VCC -
0.2
V
IDOLK
3-state leakage current
VCSN = VCC,
0V < VCC
-10
10
µA
Table 16.
AC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SDO, SDI, SCK, CSN, EN
COUT
(1)
1.
Guaranteed by design
Output capacitance (SDO)
VOUT = 0 V to 5 V
—
—
10
pF
CIN
(1)
Input capacitance (SDI)
VIN = 0 V to 5 V
—
—
10
pF
Input capacitance (other pins)
VIN = 0 V to 5 V
—
—
10
pF
Table 17.
Dynamic characteristics(1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tEN
EN high setup time
100
µs
tSCSN
CSN setup time before SCK
rising
400
ns
tHCSN
CSN high time
2
µs
tCSNQV
CSN falling until SDO valid
Cout = 100 pF
100
ns
tCSNQT
CSN rising until SDO 3-state
Cout = 100 pF
150
ns
tSSCK
SCK setup time before CSN
rising
50
ns
tSSDI
SDI setup time before SCK
rising
40
ns
tHSCK
SCK high time
200
ns
tLSCK
SCK low time
200
ns
tSCKQV
SCK falling until SDO valid
Cout = 100 pF
150
ns
Table 15.
DC characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com