Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 18Page - STMicroelectronics L99MD01 Datasheet HTML 19Page - STMicroelectronics L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics L99MD01 Datasheet HTML 23Page - STMicroelectronics L99MD01 Datasheet HTML 24Page - STMicroelectronics L99MD01 Datasheet HTML 25Page - STMicroelectronics L99MD01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Functional description of the SPI
L99MD01
22/54
Doc ID 17242 Rev 6
5
Functional description of the SPI
5.1
Signal description
5.1.1
Serial clock (SCK)
This input signal provides the timing of the serial interface. Data present at Serial Data Input
(SDI) is latched on the rising edge of Serial Clock (SCK). Data on Serial Data Out (SDO) is
shifted out at the falling edge of Serial Clock (see
2H
Figure 7).
The SPI can be driven by a microcontroller with its SPI peripherals running in following
mode: CPOL=0 and CPHA=0 (see
3H
Figure 7).
5.1.2
Serial data input (SDI)
This input is used to transfer data serially into the device. It receives the data to be written.
Values are latched on the rising edge of Serial Clock (SCK).
Serial data output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (SCK). SDO also reflects the status of the <Global Error Flag>
(Bit 7 of the <Global Status Register>) while CSN is low and no clock signal is present.
Chip select not (CSN)
When this input signal is High, the device is deselected and Serial Data Output (SDO) is
high impedance (3-state). Driving this input low enables the communication. The
communication must start and stop on a low level of Serial Clock (SCK).
Figure 7.
Clock polarity and clock phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com