Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 26Page - STMicroelectronics L99MD01 Datasheet HTML 27Page - STMicroelectronics L99MD01 Datasheet HTML 28Page - STMicroelectronics L99MD01 Datasheet HTML 29Page - STMicroelectronics L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
SPI control and status register
L99MD01
30/54
Doc ID 17242 Rev 6
6.1
Control status register
Default reset value is 0, all unused bits read 0, unused bits have to be set to 0
Table 25.
Control status register
Data byte 1
Data byte 0
15
14
13
12
11
10
9876
543210
01h
R/W
HS8
LS8
HS7
LS7
HS6
LS6
HS5
LS5
HS4
LS4
HS3
LS3
HS2
LS2
HS1
LS1
Output switch on/off
15
14
13
12
11
10
9876
543210
02h
R/W
0
0
ON
ON
ON
ON
ON
ON
0
0
OFF OFF OFF OFF OFF OFF
On/off cycles counter for SMPS driver (OFF must be > 3dec.)
15
14
13
12
11
10
9876
543210
03h
R/W
HC8 HC7 HC6 HC5 HC4 HC3 HC2 HC1
0
Wob Wob
Freq
dev.
Freq
dev.
Rnd/
lin
Low-side high current (reset value = 1)
SMPS configuration
15
14
13
12
11
10
9876
543210
04h
R/W
00
00
Current multiplexer
15
14
13
12
11
10
9876
543210
05h
R/W
0000
00
PWM duty
PWM
15
14
13
12
11
10
9876
543210
06h
R/W
0000
0000
Open-load
15
14
13
12
11
10
9876
543210
10h
R
HS8
LS8
HS7
LS7
HS6
LS6
HS5
LS5
HS4
LS4
HS3
LS3
HS2
LS2
HS1
LS1
Status overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com