Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 3Page - STMicroelectronics L99MD02 Datasheet HTML 4Page - STMicroelectronics L99MD02 Datasheet HTML 5Page - STMicroelectronics L99MD02 Datasheet HTML 6Page - STMicroelectronics L99MD02 Datasheet HTML 7Page - STMicroelectronics L99MD02 Datasheet HTML 8Page - STMicroelectronics L99MD02 Datasheet HTML 9Page - STMicroelectronics L99MD02 Datasheet HTML 10Page - STMicroelectronics L99MD02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
L99MD02
Overview
Doc ID 16082 Rev 5
7/46
2
Overview
2.1
Power supply: VCC
The supply voltage VCC (3.3 V / 5 V) supplies the whole device. In case of power-on (VCC
increases from undervoltage to VPOR OFF = 2.75 V, typical) the circuit is initialized by an
internally generated power-on reset (POR). If the voltage VCC decreases under the
minimum threshold (VPOR ON = 2.55 V, typical), the outputs are switched off in 3-state (high
impedance). The status registers are cleared and the control registers are reset to their
default.
Figure 2.
Power on reset
2.2
Power supply: VSA, VSB
Each VSA and VSB supplies the half bridges independently.
VSA → Out 1 to Out 3
VSB → Out 4 to Out 6
2.3
Standby mode
The standby mode of the L99MD02 is activated by EN pin to low. The inputs and outputs are
switched off. The status registers are cleared and the control registers are reset to their
default values.
In the standby mode the current consumption is typically 5 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com