Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 5Page - STMicroelectronics L99MD02 Datasheet HTML 6Page - STMicroelectronics L99MD02 Datasheet HTML 7Page - STMicroelectronics L99MD02 Datasheet HTML 8Page - STMicroelectronics L99MD02 Datasheet HTML 9Page - STMicroelectronics L99MD02 Datasheet HTML 10Page - STMicroelectronics L99MD02 Datasheet HTML 11Page - STMicroelectronics L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
L99MD02
Overview
Doc ID 16082 Rev 5
9/46
2.9
VS, VSA, VSB monitoring
2.10
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load
current is below the open-load detection threshold for at least 2 ms (tdOL) the corresponding
open-load bit is set in the status register.
Due to mechanical/electrical inertia of typical loads a short activation of the outputs (e.g.
3 ms) can be used to test the open-load status without changing the mechanical/ electrical
state of the loads.
2.11
Overload detection
In case of an overcurrent condition, a flag is set in the corresponding status register. If the
overcurrent signal is valid for at least tISC = 32 µs, the overcurrent flag is set and the
corresponding switch is switched off to reduce the power dissipation and to protect the
integrated circuit. The microcontroller has to clear the status bit to reactivate the
corresponding driver.
2.12
Cross-current protection
The device is cross-current protected by an internal delay time. If one driver (LS or HS) is
turned-off the activation of the other driver of the same half bridge will be automatically
delayed by the cross-current protection time. After the cross-current protection time is
expired the slew-rate limited switch-off phase of the driver will be changed to a fast turn-off
phase and the opposite driver is turned-on with slew-rate limitation. Due to this behavior it is
VS undervoltage:
Status bit will be set. Have to be cleared via SPI.
All outputs will be switched off.
VS overvoltage:
Status bit will be set. Has to be cleared via SPI.
All outputs will be switched off (default). Can be deactivated via SPI.
VSA undervoltage:
Status bit will be set. Has to be cleared via SPI.
Out 1 to Out 6 will be switched off.
VSB undervoltage:
Status bit will be set. Has to be cleared via SPI.
Out 1 to Out 6 will be switched off.
Table 2.
VS, VSA, VSB monitoring
‘typ
Out x
VS undervoltage
5.7 V
Status + off
VS overvoltage
22.0 V
Status + (off or mask)
VSA undervoltage
5.7 V
Status + off
VSB undervoltage
5.7 V
Status + off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com