Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 24Page - STMicroelectronics L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Functional description of the SPI
L99MD02
28/46
Doc ID 16082 Rev 5
For read operations, the <communication error> bit in the <Global Status Byte> will be set,
but the register to be read will still be transferred to the SDO pin. If the number of clock
cycles is smaller than the frame width, the data at SDO will be truncated. If the number of
clock cycles is larger than the frame width, the data at SDO will be filled with ‘0’ bits.
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.
Note:
As the frame width is 24 bits, an initial read of <SPI-frame-ID> using a 16 bits
communication will set the <communication Error bit> of the <Global Status Byte>. A
subsequent correct length transaction is necessary to correct this bit.
6.3
Write operation
OC0, OC1: operating code (00 for ‘write’ mode).
The write operation starts with a command byte followed by 2 data bytes.
For write cycles the <Global Status> register is followed by the previous content of the
addressed register.
The RAM memory area consists of 16 bit registers. All unused RAM addresses will be read
as ‘0’.
Failures are indicated by activating the corresponding bit of the <Global Status> register.
Note:
RAM address 00H is unused. An attempt to access this address is recognized as a
communication line error (‘Data-in stuck to GND’) and all internal registers will be cleared
(software reset).
6.4
Read operation
OC0, OC1: operating code (01 for ‘read’ mode).
The read operation starts with a command byte followed by 2 data bytes. The content of the
data bytes is ‘don’t care’. The content of the addressed register is shifted out at SDO within
the same frame (‘inframe response’). The returned data byte represents the content of the
register to be read. Failures are indicated by activating the corresponding bit of the <Global
Status> register.
6.5
Read and clear status operation
OC0, OC1: operating code (10 for ‘read and clear status’ mode).
The ‘Read and Clear Status’ operation starts with a command byte followed by 2 data bytes.
The content of the data bytes is ‘don’t care’. The content of the addressed status register is
transferred to SDO within the same frame (‘in-frame response’) and is subsequently
cleared.
A ‘Read and Clear Status’ operation with address 3FH clears all Status registers
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com