Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics L99MD02 Datasheet HTML 19Page - STMicroelectronics L99MD02 Datasheet HTML 20Page - STMicroelectronics L99MD02 Datasheet HTML 21Page - STMicroelectronics L99MD02 Datasheet HTML 22Page - STMicroelectronics L99MD02 Datasheet HTML 23Page - STMicroelectronics L99MD02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
SPI electrical characteristics
L99MD02
20/46
Doc ID 16082 Rev 5
tCSNQV
CSN falling until SDO valid
COUT = 100 pF
100
ns
tCSNQT
CSN rising until SDO 3-state
COUT = 100 pF
150
ns
tSSCK
SCK setup time before CSN rising
50
ns
tSSDI
SDI setup time before SCK rising
40
ns
tHSCK
SCK high time
200
ns
tLSCK
SCK low time
200
ns
tSCKQV
SCK falling until SDO valid
Cout = 100 pF
150
ns
tQLQH
Output rise time
Cout = 100 pF
20 % - 80 % VCC
110
ns
tQHQL
Output fall time
Cout = 100 pF
20 % - 80 % VCC
110
ns
fSPI
SPI frequency
1
MHz
1.
See Section 5.1: SPI timing parameter definition
Table 16.
Dynamic characteristics(1) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com