Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics L99MD02 Datasheet HTML 36Page - STMicroelectronics L99MD02 Datasheet HTML 37Page - STMicroelectronics L99MD02 Datasheet HTML 38Page - STMicroelectronics L99MD02 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
L99MD02
SPI control and status register
Doc ID 16082 Rev 5
35/46
Table 31.
Control register 6 (read/write); address 06h
Bit
Name
Comment
15
-
14
-
13
-
12
-
11
-
10
-
9
-
8
-
7
Disable the open-load measurement
“0”: open-load is signaled via the corresponding bit in status register 2
and the global error byte.
“1”: in case of an open-load, no register will change. Also the global
error register will not change.
6
Disable OL OUT4
5
Disable OL OUT6
4
Disable OL OUT5
3
2
Disable OL OUT3
1
Disable OL OUT2
0
Disable OL OUT1
Table 32.
Status register 0 (read only); address 10h
Bit
Name
Comment
15
-
Overcurrent error detected, driver will be deactivated
14
-
13
HS4
12
LS4
11
HS6
10
LS6
9
HS5
8
LS5
7
-
6
-
5
HS3
4
LS3
3
HS2
2
LS2
1
HS1
0
LS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com