Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 21Page - STMicroelectronics L99MD02 Datasheet HTML 22Page - STMicroelectronics L99MD02 Datasheet HTML 23Page - STMicroelectronics L99MD02 Datasheet HTML 24Page - STMicroelectronics L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
L99MD02
Functional description of the SPI
Doc ID 16082 Rev 5
25/46
The data returned on SDO within the same frame always starts with the <Global Status>
register. It provides general status information about the device. It is followed by 2bytes (i.e.
‘In-frame-response’, Figure 8).
For write cycles the <Global Status> register is followed by the previous content of the
addressed register.
For read cycles the <Global Status> register is followed by the content of the addressed
register.
6.2.2
Command byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Read>, <Write>, <Read and Clear Status>, <Read
Device Information>) and a 6 bit address.
The <Write Mode> and <Read Mode> operations allow access to the RAM of the device,
i.e. write to control registers or read status information.
A <Read and Clear Status> Operation addressed to a device specific status register will
read back and subsequently clear this status register. A <Read and Clear Status> Operation
with address 3FH clears all status registers at a time and reads back the <Configuration>
register.
A <Read and Clear Status> operation addressed to an unused RAM address register will be
identical to a <Read Mode> operation (in case of unused RAM address, the second byte will
be equal to 00H).
<Read Device Information> allows access to the ROM area which contains device related
information such as the product family, product name, silicon version and register width.
Table 17.
Command byte (8 bit)
Operating code
Address
Bit
23
22
21
20
19
18
17
16
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 18.
Data byte
Data Byte 1
Data Byte 0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 19.
Operating code definition
OC1
OC0
Meaning
0
0
<Write mode>
0
1
<Read mode>
1
0
<Read and clear status>
1
1
<Read device information>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com