Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 11Page - STMicroelectronics L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics L99MD02 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
L99MD02
Electrical specifications
Doc ID 16082 Rev 5
15/46
VSUV ON
VS UV-threshold voltage
VS decreasing
5.4
6
V
VSUV hyst VS UV-hysteresis
VSUV OFF -VSUV ON
0.35
0.5
V
VSAUV OFF VSA UV-threshold voltage
VSA increasing
5.95
6.7
V
VSAUV ON VSA UV-threshold voltage
VSA decreasing
5.4
6
V
VSAUV hyst VSA UV-hysteresis
VSAUV OFF -VSAUV ON
0.35
0.5
V
VSBUV OFF VSB UV-threshold voltage
VSB increasing
6.0
6.7
V
VSBUV ON VSB UV-threshold voltage
VSB decreasing
5.4
6
V
VSBUV hyst VSB UV-hysteresis
VSBUV OFF -VSBUV ON
0.35
0.5
V
VSOV ON
VS OV-threshold voltage
VS increasing
24
V
VSOV OFF VS OV-threshold voltage
VS decreasing
18
V
VSOV hyst VS OV-hysteresis
VSOV ON -VSOV OFF
0.75
1
V
Table 10.
Switches
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
rON HS 1-6
On resistance VSA / VSB
to OUT 1-6
Tj = 25 °C, IOUT1-6 = -0.25 A
900
1200
m
Tj = 125 °C, IOUT1-6 = -0.25 A
1300
1800
m
rONLSHC 1-6
On resistance OUT 1-6
to GND in HC mode
Tj = 25 °C, HC = 1
IOUT1-6 = 0.25A
700
1000
m
Tj = 125 °C, HC = 1
IOUT1-6 = 0.25 A
1000
1500
m
rONLSLC 1-6
On resistance OUT 1-6
to GND in LC mode
Tj = 25 °C, HC = 0
IOUT1-6 = 0.125 A
1200
1800
m
Tj = 125 °C, HC = 0
IOUT1-6 = 0.125 A
2000
2800
m
ISCHS1-6
HS overcurrent
protection
VS = 13.5 V
0.8
1.4
A
ISCLSHC1-6
LS overcurrent
protection in HC mode
VS = 13.5 V, HC=1
0.8
1.4
A
ISCLSLC1-6
LS overcurrent
protection in LC mode
VS = 13.5 V, HC=0
0.4
0.7
A
td ON1-6 H
Output delay time, HS
switch on
VS = 13.5 V, Rload = 52
10
25
80
µs
td OFF1-6 H
Output delay time, HS
switch off
VS = 13.5 V, Rload = 52
50
100
300
µs
td ON1-6 L
Output delay time, LS
switch on
VS = 13.5 V, Rload = 52
5
15
80
µs
td OFF1-6 L
Output delay time, LS
switch off
VS = 13.5 V, Rload = 52
50
100
300
µs
Table 9.
Over and undervoltage detection (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com