Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics L99MD02 Datasheet HTML 36Page - STMicroelectronics L99MD02 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
L99MD02
SPI control and status register
Doc ID 16082 Rev 5
33/46
2
1
0
Table 27.
Control register 4 (read/write); address 04h
Bit
Name
Comment
15
OUTx to CURR2 Bit2
Bit
setting
111
110
101
100
011
010
001
000
14
OUTx to CURR2 Bit1
To
curr2
OUT4 OUT6 OUT5
OUT3 OUT2 OUT1
13
OUTx to CURR2 Bit0
12
Enable CURR2
Enable the current monitor output 2
11
OUTx to CURR1 Bit2
Bit
setting
111
110
101
100
011
010
001
000
10
OUTx to CURR1 Bit1
To
curr1
OUT4 OUT6 OUT5
OUT3 OUT2 OUT1
9
OUTx to CURR1 Bit0
8
Enable CURR1
Enable the current monitor output 1
7
-
6
-
5
-
4
-
3
Curr2 K-factor
Current monitor ratio IOUTx/ICURR
If th
e high current bit (register 03h) is set to 0 the ratio for the low
side will be the double of the programmed one.
2
Curr2 K-factor
1
Curr1 K-factor
0
Curr1 K-factor
Table 28.
Ratio for CURR2
Bit3
Bit2
Ratio for CURR2
0
0
1/1000
0
1
1/750
1
0
1/500
1
1
1/250
Table 26.
Control register 3 (read/write); address 03h (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com