Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics L99MD02 Datasheet HTML 36Page - STMicroelectronics L99MD02 Datasheet HTML 37Page - STMicroelectronics L99MD02 Datasheet HTML 38Page - STMicroelectronics L99MD02 Datasheet HTML 39Page - STMicroelectronics L99MD02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
SPI control and status register
L99MD02
36/46
Doc ID 16082 Rev 5
Table 33.
Status register 1 (read only); address 11h
Bit
Name
Comment
15-8
-
-
7
-
Open-load detected, information only no changes if the corresponding
disable OL bit (control register 6) is set
6
Open-load Out4
5
Open-load Out6
4
Open-load Out5
3
2
Open-load Out3
1
Open-load Out2
0
Open-load Out1
Table 34.
Status register 2 (read only); address 12h
Bit
Name
Comment
15-8
-
-
7
TSD
Overtemperature detected: all the drivers are switched off
6
TSD warning
Overtemperature warning level detected, information only
5
-
4
-
3
VS UV
VS undervoltage
2
VS OV
VS overvoltage
1
VSB UV
VSB undervoltage
0
VSA UV
VSA undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com