Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 38Page - STMicroelectronics L99MD02 Datasheet HTML 39Page - STMicroelectronics L99MD02 Datasheet HTML 40Page - STMicroelectronics L99MD02 Datasheet HTML 41Page - STMicroelectronics L99MD02 Datasheet HTML 42Page - STMicroelectronics L99MD02 Datasheet HTML 43Page - STMicroelectronics L99MD02 Datasheet HTML 44Page - STMicroelectronics L99MD02 Datasheet HTML 45Page - STMicroelectronics L99MD02 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Package information
L99MD02
42/46
Doc ID 16082 Rev 5
l
Table 35.
PowerSSO-36 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A2.15
-
2.45
A2
2.15
-
2.35
a1
0
-
0.1
b0.18
-
0.36
c0.23
-
0.32
D(1)
1.
“D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm
per side (0.006”).
10.10
-
10.50
E
7.4
-
7.6
e-
0.5
-
e3
-
8.5
-
F-
2.3
-
G-
-
0.1
G1
-
-
0.06
H10.1
-
10.5
h-
-
0.4
k0°
-
8°
L0.55
-
0.85
M-
4.3
-
N
-
-
10°
O-
1.2
-
Q-
0.8
-
S-
2.9
-
T-
3.65
-
U-
1
-
X
4.3
-
5.2
Y
6.9
-
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com