Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 7Page - STMicroelectronics L99MD02 Datasheet HTML 8Page - STMicroelectronics L99MD02 Datasheet HTML 9Page - STMicroelectronics L99MD02 Datasheet HTML 10Page - STMicroelectronics L99MD02 Datasheet HTML 11Page - STMicroelectronics L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
L99MD02
Pin definitions and functions
Doc ID 16082 Rev 5
11/46
3
Pin definitions and functions
Table 3.
Pin description
Pin
Symbol
Function
1, 18, 19, 36
PGND
Power ground: reference potential
9
AGND
Analog ground: reference potential
27
DGND
Digital ground: reference potential
6, 10, 13, 21,
23, 25, 32, 34
N.C.
Not connected
Exposed pad: reference potential connected to PGND
2, 3, 16, 17, 20,
35
OUT 1 -6
Half bridge-output: the output is built by a high-side and a low-side
switch, which are internally connected. The output stage of both
switches is a power DMOS transistor. Each driver has an internal
parasitic reverse diode (bulk-drain-diode: high-side driver from output
to VSx, low-side driver from PGND to output).
29
VCC
Logic voltage supply 3.3V / 5V for this input a ceramic capacitor as
close as possible to GND is recommended
4, 5, 33
VSA
Power supply voltage for OUT 1 to 3 (external reverse protection
required): for this input a ceramic capacitor as close as possible to
GND is recommended. Important: For the capability of driving the full
current at the outputs all pins of VSA must be externally connected!
14, 15, 22
VSB
Power supply voltage for OUT 4 to 6 (external reverse protection
required): for this input a ceramic capacitor as close as possible to
GND is recommended. Important: For the capability of driving the full
current at the outputs all pins of VSB must be externally connected!
11
VS
VS
12
VS
VS supply and monitoring
7, 8
CURR1 / 2 Current monitor 1 / 2
31
EN
Enable enable the L99MD02
28
DI
SPI data in the input requires CMOS logic levels and receives serial
data from the microcontroller. The data is a 24 bit control word and the
most significant bit (MSB) is transferred first.
26
DO
SPI data out the diagnosis data is available via the SPI and this 3-
state output. The output will remain in 3-state, if the chip is not
selected by the input CSN (CSN = high)
24
CSN
SPI CSN chip select not (active low) this input is low active and
requires CMOS logic levels. The serial data transfer between the
L99MD02 and micro controller is enabled by pulling the input CSN to
low level.
30
SCK
SPI serial clock input this input controls the internal shift register of the
SPI and requires CMOS logic levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com