Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics L99MD02 Datasheet HTML 19Page - STMicroelectronics L99MD02 Datasheet HTML 20Page - STMicroelectronics L99MD02 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
L99MD02
Electrical specifications
Doc ID 16082 Rev 5
17/46
Table 11.
Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCURR1/2
Functional voltage range
VCC = 5 V
0
VCC -1
V
ICURRHSLS250
HS/LS current monitor
output ratio: ICURR1/2 / IOUT
1-6
0V <= VCURR1/2 <= VCC -1V,
VCC = 5 V; prog. via SPI,
Imax =800 mA
1/250
ICURRHSLS500
HS/LS current monitor
output ratio: ICURR1/2 / IOUT
1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5 V; prog. via SPI,
Imax =800 mA
1/500
ICURRHSLS750
HS/LS current monitor
output ratio: ICURR1/2 / IOUT
1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5 V; prog. via SPI,
Imax =800 mA
1/750
ICURRHSLS1000
HS/LS current monitor
output ratio: ICURR1/2 / IOUT
1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5 V; prog. via SPI,
Imax =800 mA
1/1000
ICURRLSLC125
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5 V; prog. via SPI, HC=0;
Imax =400 mA
1/125
ICURRLSLC250
LS current monitor output
ratio in LC mode:
ICURRLSLC1/2 / IOUT 1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5 V; prog. via SPI, HC=0;
Imax =400 mA
1/250
ICURRLSLC375
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5V; prog. via SPI, HC = 0;
Imax = 400mA
1/375
ICURRLSLC500
LS current monitor output
ratio in LC mode: ICURR1/2 /
IOUT 1-6
0V <= VCURR1/2 <= VCC -1V
VCC = 5V; prog. via SPI, HC = 0;
Imax =400 mA
1/500
ICURRHS1/2 acc
HS current monitor
accuracy
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V; IOUT 1-6 max =0.8 A;
(FS = full scale = 800 mA*current
ratio); Tj =-40 °C
4% +
1%FS
10% +
3%FS
-
0V
≤ VCURR1/2 ≤ VCC -1 V,
VCC =5V; IOUT 1-6 max =0.8 A;
(FS = full scale = 800 mA*current
ratio); Tj = 25 °C to 125 °C
4% +
1%FS
8% +
2%FS
ICURRLSHC1/2 acc
LS current monitor
accuracy in HC mode
0V
≤ VCURR1/2 ≤ VCC -1 V;
VCC =5V; 0.4A ≤ IOUT1-6 ≤ 0.8 A;
(FS = full scale = 800 mA*current
ratio)
4% +
1%FS
10% +
3%FS
-
ICURRLSLC1/2 acc
LS current monitor
accuracy in LC mode
0V
≤ VCURR1/2 ≤ VCC -1 V;
VCC =5V; IOUT 1-6 max = 0.4 A;
(FS = full scale = 800 mA*current
ratio)
4% +
1%FS
10% +
3%FS
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com