Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics L99MD02 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
SPI control and status register
L99MD02
32/46
Doc ID 16082 Rev 5
Table 25.
Control register 1 (read/write); address 01h
Bit
Name
Comment
15
If a bit is set, the selected output driver is switched on. If the
corresponding PWM enable bit is set the driver will be PWMed.
If the bits of HS-and LS-driver of the same half bridge are set, the HS
and the LS-driver will be deactivated.
14
13
OUT4 – HS on/off
12
OUT4 – LS on/off
11
OUT6 – HS on/off
10
OUT6 – LS on/off
9
OUT5 – HS on/off
8
OUT5 – LS on/off
7
6
5
OUT3 – HS on/off
4
OUT3 – LS on/off
3
OUT2 – HS on/off
2
OUT2 – LS on/off
1
OUT1 – HS on/off
0
OUT1 – LS on/off
Table 26.
Control register 3 (read/write); address 03h
Bit
Name
Comment
15
High current mode of low side switch
“0”: the selected low side switch is in low current mode. The
overcurrent and open-load thresholds are reduced by ½. The selected
current monitor ratio is doubled.
“1” (default setting) the selected low side switch is in high current
mode.
14
High current LS 4
13
High current LS 6
12
High current LS 5
11
10
High current LS 3
9
High current LS 2
8
High current LS 1
7
-
6
VS OV shutdown/warn
In case of VS overvoltage
“0”: all outputs will be switched off + status bit set.
“1”: only status bit will be set.
5
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com