Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics L99MD02 Datasheet HTML 19Page - STMicroelectronics L99MD02 Datasheet HTML 20Page - STMicroelectronics L99MD02 Datasheet HTML 21Page - STMicroelectronics L99MD02 Datasheet HTML 22Page - STMicroelectronics L99MD02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
L99MD02
SPI electrical characteristics
Doc ID 16082 Rev 5
19/46
5
SPI electrical characteristics
VS = 6 to 18 V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin
Table 14.
DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SDI, SCK, CSN, EN
VIL
Input low voltage
0.3
VCC
V
VIH
Input high voltage
0.7
VCC
V
ICSN in
Pull up current at input CSN
VCSN = 1.5 V; VCC = 5 V
8
20
40
µA
ISCK in
Pull down current at input SCK VSCK = 1.5 V; VCC = 5 V
10
25
50
µA
IDI in
Pull down current at input DI
VDI = 1.5 V; VCC = 5 V
10
25
50
µA
REN in
Pull down resistor at input EN
VEN = 1.5 V; VCC = 5 V
25
50
115
k
SDO
VOL
Output low voltage
Iout = 2 mA
0.2
0.4
V
VOH
Output high voltage
Iout = +2 mA
VCC -
0.4
VCC -
0.2
V
IDOLK
3-state leakage current
VCSN = VCC, 0 V < VCC
-10
10
µA
Table 15.
AC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SDO, SDI, SCK, CSN, EN
COUT
(1)
1.
Guaranteed by design.
Output capacitance (SDO)
VOUT = 0 V to 5 V
-
-
10
pF
CIN
Input capacitance (SDI)
VIN = 0 V to 5 V
-
-
10
pF
Input capacitance (other pins)
VIN = 0 V to 5 V
-
-
10
pF
Table 16.
Dynamic characteristics(1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tEN
EN high setup time
100
µs
tSCSN
CSN setup time before SCK rising
400
ns
tHCSN
CSN high time
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com