Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 10Page - STMicroelectronics L99MD02 Datasheet HTML 11Page - STMicroelectronics L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Electrical specifications
L99MD02
14/46
Doc ID 16082 Rev 5
4.4
Electrical characteristics
VS = 6 to 18 V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 7.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
Temperature warning threshold
junction temperature
Tj increasing
-
-
150
°C
TjSD ON
Thermal shutdown threshold junction
temperature
Tj increasing
-
-
170
°C
Table 8.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSA/VSB
Operating supply voltage
range
6
38
V
IS
VSA / VSB DC supply
current
VSx = 13 V, VCC = 5.0 V
EN = high
Outputs floating
0.5
2
mA
IVS
VS supply current
VS = 13 V, VCC = 5 V
EN = high
1.5
4
mA
IVSX
VSx (VS, VSA, VSB)
quiescent supply current
VSx = 13 V, VCC = 5 V
EN = low TTest = -40, 25 °C
Outputs floating
3
10
µA
TTest = 130 °C
6
20
µA
VCC
Operating supply voltage
range
3,0
5,3
V
ICC
VCC DC supply current
VSx = 13 V,
VCC = 5.0 V
EN = high
1
3
mA
VCC quiescent supply
current
VS = 13 V, VCC = 5.0 V
CSN = VCC
EN = low
Outputs floating
5
20
µA
Table 9.
Over and undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR OFF Power-on-reset threshold
VCC increasing
3.0
V
VPOR ON
Power-on-reset threshold
VCC decreasing
2.3
V
VPOR hyst Power-on-reset hysteresis
VPOR OFF - VPOR ON
0.2
V
VSUV OFF VS UV-threshold voltage
VS increasing
6.0
6.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com