Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 38Page - STMicroelectronics L99MD02 Datasheet HTML 39Page - STMicroelectronics L99MD02 Datasheet HTML 40Page - STMicroelectronics L99MD02 Datasheet HTML 41Page - STMicroelectronics L99MD02 Datasheet HTML 42Page - STMicroelectronics L99MD02 Datasheet HTML 43Page - STMicroelectronics L99MD02 Datasheet HTML 44Page - STMicroelectronics L99MD02 Datasheet HTML 45Page - STMicroelectronics L99MD02 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Revision history
L99MD02
44/46
Doc ID 16082 Rev 5
11
Revision history
Table 36.
Document revision history
Date
Revision
Changes
30-Jul-2009
1
Initial release.
21-Jun-2010
2
Updated Features list.
Removed Block diagram on page 1.
Updated Figure 1: Detailed block diagram.
Updated Section 2.3: Standby mode.
Chapter 3: Pin definitions and functions:
– Updated Table 3: Pin description
– Updated Figure 3: Pin connection (top view-not in scale)
Updated Table 16: Dynamic characteristics and
Table 24: Control status register.
Inserted Table 30: Control register 5 (read/write); address 05h
Added Chapter 10: Package information.
25-Jan-2011
3
Updated Figure 2: Power on reset
Updated Features list.
Table 9: Over and undervoltage detection
–VSUV OFF, VSUV ON, VSAUV ON, VSBUV OFF, VSBUV ON: updated
maximun value
–VSUV hyst, VSAUV hyst, VSBUV hyst, VSOV hyst: added minimum
value
–VSAUV OFF: updated minimum and maximum values
Table 10: Switches
– Updated following parameters: rONLSLC 1-6, : tD LH/tD LH, IQLH,
IQLL, IOLDHS1-6, IOLDLSHC1-6, IOLDLSLC1-6
Table 11: Current monitor output
– Updated ICURR1/2 acc parameter
Added Table 12: Current monitor dynamic characteristics
Updated following tables:
– Table 25: Control register 1 (read/write); address 01h
– Table 26: Control register 3 (read/write); address 03h
– Table 27: Control register 4 (read/write); address 04h
– Table 30: Control register 5 (read/write); address 05h
– Table 31: Control register 6 (read/write); address 06h
– Table 32: Status register 0 (read only); address 10h
– Table 33: Status register 1 (read only); address 11h
Added Chapter 9: Package and PCB thermal data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com