Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 9Page - STMicroelectronics L99MD02 Datasheet HTML 10Page - STMicroelectronics L99MD02 Datasheet HTML 11Page - STMicroelectronics L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
L99MD02
Electrical specifications
Doc ID 16082 Rev 5
13/46
4
Electrical specifications
4.1
Absolute maximum ratings
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit!
4.2
ESD protection
4.3
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0,3…28
V
Single pulse tmax < 400 ms
40
V
VSA
VSB
DC supply voltage
-0,3…38
V
Single pulse tmax < 400 ms
40
V
VCC
Stabilized supply voltage, logic supply
-0.3 to 5.5
V
EN
DI
DO
SCK
CSN
Digital input / output voltage
-0.3 to VCC + 0.3
V
CURR1/2
Current monitor output
-0.3 to VCC + 0.3
OUT 1-6
Output current capability
±2
A
Table 5.
ESD protection
Parameter
Value
Unit
All pins
±2(1)
1.
HBM according to EIA/JESD22-A114-E.
kV
Output pins: OUT1 – 6, VS, VSA, VSB,
±4(2)
2.
HBM with all unzapped pins grounded.
kV
Table 6.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com