Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 12Page - STMicroelectronics L99MD02 Datasheet HTML 13Page - STMicroelectronics L99MD02 Datasheet HTML 14Page - STMicroelectronics L99MD02 Datasheet HTML 15Page - STMicroelectronics L99MD02 Datasheet HTML 16Page - STMicroelectronics L99MD02 Datasheet HTML 17Page - STMicroelectronics L99MD02 Datasheet HTML 18Page - STMicroelectronics L99MD02 Datasheet HTML 19Page - STMicroelectronics L99MD02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Electrical specifications
L99MD02
16/46
Doc ID 16082 Rev 5
Figure 4.
Output turn-on/off delays and slew rates
tD LH/tD HL
Cross current protection
time
20
200
400
µs
IQLH
Switched-off output
current HS OUT 1-6
VOUT1-6 = 0 V
-2
µA
IQLL
Switched-off output
current LS OUT 1-6
VOUT1-6 = VS
2µA
IOLDHS1-6
Open-load detection
current HS OUT 1-6
Tamb = -40 °C
8
30
60
mA
Tamb = 25 °C to 125 °C
10
30
60
mA
IOLDLSHC1-6
Open-load detection
current LS OUT 1-6 in
HC mode
HC bit set to 1; Tamb = -40 °C
4.5
30
65
mA
HC bit set to 1;
Tamb = 25 °C to 125 °C
830
60
mA
IOLDLSLC1-6
Open-load detection
current LS OUT 1-6 in
LC mode
HC bit set to 0; Tamb = -40 °C
1.8
15
35
mA
HC bit set to 0;
Tamb = 25 °C to 125 °C
415
30
mA
tdOL
Minimum duration of
open-load condition to
set the status bit
500
2000
3000
µs
tISC
Minimum duration of
overcurrent condition to
switch off the driver
10
32
100
µs
dVOUT1-6
/dt
Slew rate of OUT 1-6
VS = 13.5 V, Rload = 52
0.1
0.25
0.5
V/µs
Table 10.
Switches (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com