Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 22Page - STMicroelectronics L99MD02 Datasheet HTML 23Page - STMicroelectronics L99MD02 Datasheet HTML 24Page - STMicroelectronics L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Functional description of the SPI
L99MD02
26/46
Doc ID 16082 Rev 5
The <Global Error Flag> is generated by an OR-combination of all failure events of the
device (i.e. Bit 0 to Bit 6 of the <Global Status Byte>).
Table 20.
Global status byte
Bit
Description
Polarity
Comment
0
Software reset or under/
overvoltage
Active high
Depend on bit 5 of <Global Status Byte>:
1
Overcurrent detected
Active high
Set by any overcurrent event
2
Open-load detected
Active high
Set by any open-load event
3
Temp warning
Active high
4
Thermal shutdown / chip overload
Active high
5
NOT (chip reset or communication
error)
Active low
Activated by all internal reset events that
change device state or configuration
registers (e.g. software reset, VCC under-
voltage, etc.). The bit will be set after a valid
communication with any register. This bit is
initially ‘0’ and will be set to ‘1’ by a valid
SPI communication
6
Communication error
Active high
Bit is set if the number of clock cycles
during CSN = low does not match with the
specified frame width or if an invalid bus
condition is detected (SDI stuck at 1 or 0).
7
Global error flag
Active high
Logic OR combination of all failures in the
<Global Status Byte>.
Bit 5
Bit 0
0
Set if software reset (SDI stuck
at 1 or 0)
1
Logical OR of the under- /
overvoltage status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com