Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics L99MD02 Datasheet HTML 36Page - STMicroelectronics L99MD02 Datasheet HTML 37Page - STMicroelectronics L99MD02 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
SPI control and status register
L99MD02
34/46
Doc ID 16082 Rev 5
Table 29.
Ratio for CURR1
Bit1
Bit0
Ratio for CURR1
0
0
1/1000
0
1
1/750
1
0
1/500
1
1
1/250
Table 30.
Control register 5 (read/write); address 05h
Bit
Name
Comment
15
-
14
-
13
-
12
-
Bit 9
Bit 8
PWM duty cycle
11
-
0
0
15 %
10
-
0
1
30 %
9
PWM duty Bit1
1
0
45 %
8
PWM duty Bit0
1
1
60 %
7
-
PWM enable:
– “0”: PWM disabled this output
– “1”: if the corresponding enable bit is set and the PWM bit is set to “1”
the programmed output will be PWM’ed with typical 100 Hz
6
PWM to OUT4
5
PWM to OUT6
4
PWM to OUT5
3
-
2
PWM to OUT3
1
PWM to OUT2
0
PWM to OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com