Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD02 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics L99MD02 Datasheet HTML 34Page - STMicroelectronics L99MD02 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
L99MD02
SPI control and status register
Doc ID 16082 Rev 5
31/46
Table 24.
Control status register(1)
Data byte 1
Data byte 0
Output switch on/off
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
01h
R/W
0
0
HS4
LS4
HS6
LS6
HS5
LS5
0
0
HS3
LS3
HS2
LS2
HS1
LS1
Not used
02h
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
000
00
000
000
0
Low side high current (reset value = 1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
03h
R/W
0
HC4
HC6
HC5
0
HC3
HC2
HC1
0
0
0
0
0
0
0
Current multiplexer
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
04h
R/W
0
0
0
0
2Kfact
2Kfac
t
1Kfact
1Kfac
t
PWM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
05h
R/W
0
0
0
0
0
0
PWM duty
0
OUT4
OUT6
OUT5
0
OUT3
OUT2
OUT1
Open-load
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
06h
R/W
0
0
0
0
000
00
0
Status overcurrent
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
10h
R
0
0
HS4
LS4
HS6
LS6
HS5
LS5
0
0
HS3
LS3
HS2
LS2
HS1
LS1
Status open-load
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
11h
R
0
0
0
0
0
0
0
0
0
OUT4
OUT6
OUT5
0
OUT3
OUT2
OUT1
Status TSD; over/undervoltage
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
12h
R
0
0
0
0
0
0
0
0
TSD
TSD
warm
00
VS UV
VS
OV
VSB
UV
VSA
UV
1.
Default reset value is 0, all unused bits read 0, unused bits have to be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com