Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 165 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 161Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 162Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 163Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 164Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 165Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 166Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 167Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 168Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-49. Preview Engine Register Descriptions (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0828
AVE
Input Formatter/Averager
0x01C7 082C
HMED
Horizontal Median Filter
0x01C7 0830
NF
Noise Filter
0x01C7 0834
WB_DGAIN
White Balance Digital Gain
0x01C7 0838
WBGAIN
White Balance Coefficients
0x01C7 083C
WBSEL
White Balance Coefficients Selection
0x01C7 0840
CFA
CFA Register
0x01C7 0844
BLKADJOFF
Black Adjustment Offset
0x01C7 0848
RGB_MAT1
RGB2RGB Blending Matrix Coefficients
0x01C7 084C
RGB_MAT2
RGB2RGB Blending Matrix Coefficients
0x01C7 0850
RGB_MAT3
RGB2RGB Blending Matrix Coefficients
0x01C7 0854
RGB_MAT4
RGB2RGB Blending Matrix Coefficients
0x01C7 0858
RGB_MAT5
RGB2RGB Blending Matrix Coefficients
0x01C7 085C
RGB_OFF1
RGB2RGB Blending Matrix Offsets
0x01C7 0860
RGB_OFF2
RGB2RGB Blending Matrix Offsets
0x01C7 0864
CSC0
Color Space Conversion Coefficients
0x01C7 0868
CSC1
Color Space Conversion Coefficients
0x01C7 086C
CSC2
Color Space Conversion Coefficients
0x01C7 0870
CSC_OFFSET
Color Space Conversion Offsets
0x01C7 0874
CNT_BRT
Contrast and Brightness Settings
0x01C7 0878
CSUP
Chrominance Suppression Settings
0x01C7 087C
SETUP_YC
Maximum/Minimum Y and C Settings
0x01C7 0880
SET_TBL_ADDRESS
Setup Table Addresses
0x01C7 0884
SET_TBL_DATA
Setup Table Data
6.13.1.3 Resizer
The resizer module can accept input image/video data from either the preview engine or DDR2. The
output of the resizer module is sent to DDR2. The following features are supported by the resizer module.
•
An output width up to 1280 horizontal pixels.
•
Input from external DDR2.
•
Up to 4x upsampling (digital zoom).
•
Bi-cubic interpolation (4-tap horizontal, 4-tap vertical) can be implemented with the programmable filter
coefficients.
•
Eight phases of filter coefficients.
•
Optional bi-linear interpolation for the chrominance components.
•
Up to 1/4x downsampling
•
4-tap horizontal and 4-tap vertical filter coefficients (with 8-phases) for 1x to 1/2x downsampling
•
1/2x to 1/4x downsampling, for 7-tap mode with 4-phases.
•
Resizing either YUV 4:2:2 packed data (16-bits) or color separate data (8-bit data within DDR) that is
contiguous.
•
Separate/independent resizing factor for the horizontal and vertical directions.
•
Upsampling and downsampling ratios that are available are: 256/N, with N ranging from 64 to 1024.
•
Programmable luminance sharpening after the horizontal resizing and before the vertical resizing step.
The resizer register memory mapping is shown in Table 6-50.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com