Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 167 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 163Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 164Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 165Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 166Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 167Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 168Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 169Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 170Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.13.1.4 Hardware 3A (H3A)
The Hardware 3A (H3A) module provides control loops for Auto Focus, Auto White Balance and Auto
Exposure. There are 2 main components of the H3A module:
•
Auto focus (AF) engine
•
Auto exposure (AE) & auto white balance (AWB) engine
The AF engine extracts and filters the Red, Green, and Blue data from the input image/video data and
provides either the accumulation or peaks of the data in a specified region. The specified region is a two
dimensional block of data and is referred to as a “paxel” for the case of AF.
The AE/AWB engine accumulates the values and checks for saturated values in a sub sampling of the
video data. In the case of the AE/AWB, the two-dimensional block of data is referred to as a “window”.
The number, dimensions, and starting position of the AF paxels and the AE/AWB windows are separately
programmable.
The H3A register memory mapping is shown in Table 6-51.
Table 6-51. H3A Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 1400
PID
Peripheral Revision and Class Information
0x01C7 1404
PCR
Peripheral Control Register
0x01C7 1408
AFPAX1
Setup for the AF Engine Paxel Configuration
0x01C7 140C
AFPAX2
Setup for the AF Engine Paxel Configuration
0x01C7 1410
AFPAXSTART
Start Position for AF Engine Paxels
0x01C7 1414
AFIIRSH
Start Position for IIRSH
0x01C7 1418
AFBUFST
SDRAM/DDRAM Start Address for AF Engine
0x01C7 141C
AFCOEF010
IIR Filter Coefficient Data for SET 0
0x01C7 1420
AFCOEF032
IIR Filter Coefficient Data for SET 0
0x01C7 1424
AFCOEFF054
IIR Filter Coefficient Data for SET 0
0x01C7 1428
AFCOEFF076
IIR Filter Coefficient Data for SET 0
0x01C7 142C
AFCOEFF098
IIR Filter Coefficient Data for SET 0
0x01C7 1430
AFCOEFF0010
IIR Filter Coefficient Data for SET 0
0x01C7 1434
AFCOEF110
IIR Filter Coefficient Data for SET 1
0x01C7 1438
AFCOEF132
IIR Filter Coefficient Data for SET 1
0x01C7 143C
AFCOEFF154
IIR Filter Coefficient Data for SET 1
0x01C7 1440
AFCOEFF176
IIR Filter Coefficient Data for SET 1
0x01C7 1444
AFCOEFF198
IIR Filter Coefficient Data for SET 1
0x01C7 1448
AFCOEFF1010
IIR Filter Coefficient Data for SET 1
0x01C7 144C
AEWWIN1
Configuration for AE/AWB Windows
0x01C7 1450
AEWINSTART
Start Position for AE/AWB Windows
0x01C7 1454
AEWINBLK
Start Position and Height for Black Line of AE/AWB Windows
0x01C7 1458
AEWSUBWIN
Configuration for Subsample Data in AE/AWB Window
0x01C7 145C
AEWBUFST
SDRAM/DDRAM Start Address for AE/AWB Engine
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
167
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com