Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 171 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 167Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 168Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 169Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 170Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 171Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 172Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 173Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 174Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 236 page
background image
PCLK
(Positive Edge Clocking)
PCLK
(Negative Edge Clocking)
7, 9
HD/VD
CCD[15:0]
8, 10
11, 13
12, 14
5
6
C_WE/C_FIELD
PCLK
(Positive Edge Clocking)
15
16
23
24
CCD[15:0]
C_WE
PCLK
(Negative Edge Clocking)
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Figure 6-47. VPFE (CCD) Slave Mode Input Data Timing
Table 6-55. Timing Requirements for VPFE (CCD) Master Mode(1) (see Figure 6-48)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
15
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
16
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
23
tsu(CWEV-PCLK)
Setup time, C_WE valid before PCLK edge
3
ns
24
th(PCLK-CWEV)
Hold time, C_WE valid after PCLK edge
2
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 6-48. VPFE (CCD) Master Mode Input Data Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
171
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com