Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 174 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 170Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 171Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 172Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 173Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 174Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 175Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 176Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 177Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
The following restrictions exist in the OSD module.
•
Both the OSD windows and VIDWIN1 should be fully contained inside VIDWIN0.
•
When one of the OSD windows is set in RGB mode, it cannot overlap with VIDWIN1.
•
The OSD cannot support more than 256 color entries in the CLUT RAM/ROM. Some applications
require higher number of entries, and one workaround is to use VIDWIN1 as an overlay mimicking the
OSD window. Another option is to use the RGB mode for one of the OSD windows which allows for a
total of 16-bits for the R, G, and B colors (64K colors).
•
The OSD can only read YCbCr in 4:2:2 interleaved format for the video windows. Other formats, either
color separate storage or 4:4:4/4:2:0 interleaved data is not supported.
•
If the vertical resize filter is enabled for either of the video windows, the maximum horizontal window
dimension cannot be greater than 720 currently.
•
It is not possible to use both of the CLUT ROMs at the same time. However, one window can use
RAM while another uses ROM.
•
The 24-bit RGB input mode is only valid for one of the two video windows (programmable) and does
not apply to the OSD windows.
The OSD register memory mapping is shown in Table 6-58.
Table 6-58. OSD Register Descriptions
Address
Register
Description
0x01C7 2600
MODE
OSD Mode Register
0x01C7 2604
VIDWINMD
Video Window Mode Setup
0x01C7 2608
OSDWIN0MD
OSD Window Mode Setup
0x01C7 260C
OSDWIN1MD
OSD Window 1 Mode Setup (when used as a second OSD window)
0x01C7 260C
OSDATRMD
OSD Attribute Window Mode Setup (when used as an attribute window)
0x01C7 2610
RECTCUR
Rectangular Cursor Setup
0x01C7 2614
RSV0
Reserved
0x01C7 2618
VIDWIN0OFST
Video Window 0 Offset
0x01C7 261C
VIDWIN1OFST
Video Window 1 Offset
0x01C7 2620
OSDWIN0OFST
OSD Window 0 Offset
0x01C7 2624
OSDWIN1OFST
OSD Window 1 Offset
0x01C7 2628
RSV1
Reserved
0x01C7 262C
VIDWIN0ADR
Video Window 0 Address
0x01C7 2630
VIDWIN1ADR
Video Window 1 Address
0x01C7 2634
RSV2
Reserved
0x01C7 2638
OSDWIN0ADR
OSD Window 0 Address
0x01C7 263C
OSDWIN1ADR
OSD Window 1 Address
0x01C7 2640
BASEPX
Base Pixel X
0x01C7 2644
BASEPY
Base Pixel Y
0x01C7 2648
VIDWIN0XP
Video Window 0 X-Position
0x01C7 264C
VIDWIN0YP
Video Window 0 Y-Position
0x01C7 2650
VIDWIN0XL
Video Window 0 X-Size
0x01C7 2654
VIDWIN0YL
Video Window 0 Y-Size
0x01C7 2658
VIDWIN1XP
Video Window 1 X-Position
0x01C7 265C
VIDWIN1YP
Video Window 1 Y-Position
0x01C7 2660
VIDWIN1XL
Video Window 1 X-Size
0x01C7 2664
VIDWIN1YL
Video Window 1 Y-Size
0x01C7 2668
OSDWIN0XP
OSD Bitmap Window 0 X-Position
0x01C7 266C
OSDWIN0YP
OSD Bitmap Window 0 Y-Position
0x01C7 2670
OSDWIN0XL
OSD Bitmap Window 0 X-Size
174
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com