Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 177 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 173Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 174Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 175Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 176Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 177Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 178Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 179Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 180Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-59. VENC (Including Digital LCD and DACs) Register Descriptions
ADDRESS
REGISTER
DESCRIPTION
0x01C7 2400
VMOD
Video Mode
0x01C7 2404
VIDCTL
Video Interface I/O Control
0x01C7 2408
VDPRO
Video Data Processing
0x01C7 240C
SYNCCTL
Sync Control
0x01C7 2410
HSPLS
Horizontal Sync Pulse Width
0x01C7 2414
VSPLS
Vertical Sync Pulse Width
0x01C7 2418
HINT
Horizontal Interval
0x01C7 241C
HSTART
Horizontal Valid Data Start Position
0x01C7 2420
HVALID
Horizontal Data Valid Range
0x01C7 2424
VINT
Vertical Interval
0x01C7 2428
VSTART
Vertical Valid Data Start Position
0x01C7 242C
VVALID
Vertical Data Valid Range
0x01C7 2430
HSDLY
Horizontal Sync Delay
0x01C7 2434
VSDLY
Vertical Sync Delay
0x01C7 2438
YCCTL
YCbCr Control
0x01C7 243C
RGBCTL
RGB Control
0x01C7 2440
RGBCLP
RGB Level Clipping
0x01C7 2444
LINECTL
Line Id Control
0x01C7 2448
CULLLINE
Culling line control
0x01C7 244C
LCDOUT
LCD Output Signal Control
0x01C7 2450
BRTS
Brightness Start Position Signal Control
0x01C7 2454
BRTW
Brightness Width Signal Control
0x01C7 2458
ACCTL
LCD_AC Signal Control
0x01C7 245C
PWMP
PWM Start Position Signal Control
0x01C7 2460
PWMW
PWM Width Signal Control
0x01C7 2464
DCLKCTL
DCLK Control
0x01C7 2468
DCLKPTN0
DCLK Pattern 0
0x01C7 246C
DCLKPTN1
DCLK Pattern 1
0x01C7 2470
DCLKPTN2
DCLK Pattern 2
0x01C7 2474
DCLKPTN3
DCLK Pattern 3
0x01C7 2478
DCLKPTN0A
DCLK Auxiliary Pattern 0
0x01C7 247C
DCLKPTN1A
DCLK Auxiliary Pattern 1
0x01C7 2480
DCLKPTN2A
DCLK Auxiliary Pattern 2
0x01C7 2484
DCLKPTN3A
DCLK Auxiliary Pattern 3
0x01C7 2488
DCLKHS
Horizontal DCLK Mask Start
0x01C7 248C
DCLKHSA
Horizontal Auxiliary DCLK Mask Start
0x01C7 2490
DCLKHS
Horizontal DCLK Mask Range
0x01C7 2494
DCLKHS
Vertical DCLK Mask Start
0x01C7 2498
DCLKVR
Vertical DCLK Mask Range
0x01C7 249C
CAPCTL
Caption Control
0x01C7 24A0
CAPDO
Caption Data Odd Field
0x01C7 24A4
CAPDE
Caption Data Even Field
0x01C7 24A8
ATR0
Video Attribute Data # 0
0x01C7 24AC
ATR1
Video Attribute Data # 1
0x01C7 24B0
ATR2
Video Attribute Data # 2
0x01C7 24B4
Reserved
0x01C7 24B8
VSTAT
Video Status
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
177
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com