Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 181 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 177Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 178Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 179Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 180Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 181Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 182Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 183Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 184Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 236 page
background image
PCLK
(Positive Edge Clocking)
13, 31
PCLK
(Negative Edge Clocking)
11, 29
VCTL(A)
A. VCTL = HSYNC, VSYNC, LCD_FIELD, and LCD_OE
B. VDATA = COUT[7:0], YOUT[7:0], R[7:0], G[7:0], and B[7:0]
VDATA(B)
14, 32
12, 30
VPBECLK
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-62. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to PCLK and VPBECLK(1) (see Figure 6-52)
1.05 V
1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
11
td(PCLK-VCTLV)
Delay time, PCLK edge to VCTL valid
16
13.3
ns
12
td(PCLK-VCTLIV)
Delay time, PCLK edge to VCTL invalid
2
2
ns
13
td(PCLK-VDATAV)
Delay time, PCLK edge to VDATA valid
16
13.3
ns
14
td(PCLK-VDATAIV)
Delay time, PCLK edge to VDATA invalid
2
2
ns
29
td(VPBECLK-VCTLV)
Delay time, VPBECLK rising edge to VCTL valid
16
13.3
ns
30
td(VPBECLK-VCTLIV)
Delay time, VPBECLK rising edge to VCTL invalid
2
2
ns
31
td(VPBECLK-VDATAV)
Delay time, VPBECLK rising edge to VDATA valid
16
13.3
ns
32
td(VPBECLK-VDATAIV)
Delay time, VPBECLK rising edge to VDATA invalid
2
2
ns
(1)
PCLK may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the rising
edge of PCLK is referenced. When in negative edge clocking mode, the falling edge of PCLK is referenced.
Figure 6-52. VPBE Output Timing With Respect to PCLK and VPBECLK
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
181
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com