Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 182 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 178Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 179Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 180Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 181Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 182Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 183Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 184Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 185Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-63. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to VCLK(1) (2) (see Figure 6-53)
1.05 V
1.2 V
NO.
PARAMETER
MODE(3)
UNIT
MIN
MAX
MIN
MAX
17
tc(VCLK)
Cycle time, VCLK
13.33
160
13.33
160
ns
Pulse duration, VCLK high
H - 1.3(4)
H - 0.3(4)
H - 1.3(4)
H - 0.3(4)
ns
(positive-edge clocking)
18
tw(VCLKH)
Pulse duration, VCLK high
L - 1.3(4)
L - 0.3(4)
L - 1.3(4)
L - 0.3(4)
ns
(negative-edge clocking)
Pulse duration, VCLK low
L + 0.3(4)
L + 1.3(4)
L + 0.3(4)
L + 1.3(4)
ns
(positive-edge clocking)
19
tw(VCLKL)
Pulse duration, VCLK low
H + 0.3(4)
H + 1.3(4)
H + 0.3(4)
H + 1.3(4)
ns
(negative-edge clocking)
20
tt(VCLK)
Transition time, VCLK
3
3
ns
Delay time, VCLKIN high to
21
td(VCLKINH-VCLKH)
2
12
2
12
ns
VCLK high
Delay time, VCLKIN low to
22
td(VCLKINL-VCLKL)
2
12
2
12
ns
VCLK low
Delay time, VCLK negative edge
9.1
7.5
ns
to VCTL valid
23
td(VCLK-VCTLV)
Delay time, VCLK positive edge
8
6.9
ns
to VCTL valid
Delay time, VCLK negative edge
2.3
2
ns
to VCTL invalid
24
td(VCLKL-VCTLIV)
Delay time, VCLK positive edge
1.9
1.5
ns
to VCTL invalid
Delay time, VCLK negative edge
8
6.8
ns
to VDATA valid
25
td(VCLK-VDATAV)
Delay time, VCLK positive edge
7.3
6.3
ns
to VDATA valid
RGB
2.8
2.1
ns
Delay time, VCLK negative edge
to VDATA invalid
YCC
2.8
2.5
ns
26
td(VCLKL-VDATAIV)
RGB
2.3
1.9
ns
Delay time, VCLK positive edge
to VDATA invalid
YCC
2.6
2.1
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLK is referenced. When in negative edge clocking mode, the falling edge of VCLK is referenced.
(2)
VCLKIN = PCLK or VPBECLK
(3)
RGB and YCC modes utilize different data pins. RGB mode uses data pins: R[7:0], G[7:0], and B[7:0]. YCC mode uses data pins:
COUT[7:0] and YOUT[7:0].
(4)
H and L are the high and low pulse widths of the input clock to the VPBE, respectively. For example, if VPBECLK is used as the input
clock and it has a high pulse duration of 6.67 ns, the resulting high pulse duration of VCLK, if positive-edge clocking is selected, will be a
MAX of 6.37 ns and a MIN of 5.27 ns.
182
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com