Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 186 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 182Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 183Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 184Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 185Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 186Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 187Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 188Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 189Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-66. USBPHY_CTL Register Field Descriptions (continued)
Bit
Field
Value
Description
0
PHYPDWN
USB PHY power down control
0
PHY powered
1
PHY power off
6.14.2 USB2.0 Peripheral Register Description(s)
The USB register memory mapping is shown in Table 6-67.
Table 6-67. USB2.0 Register Descriptions
Address
Acronym
Register Description
0x01C6 4000
REVR
Revision Register
0x01C6 4004
CTRLR
Control Register
0x01C6 4008
STATR
Status Register
0x01C6 4010
RNDISR
RNDIS Register
0x01C6 4014
AUTOREQ
Auto Request Register
0x01C6 4020
INTSRCR
USB Interrupt Source Register
0x01C6 4024
INTSETR
USB Interrupt Source Set Register
0x01C6 4028
INTCLRR
USB Interrupt Source Clear Register
0x01C6 402C
INTMSKR
USB Interrupt Mask Register
0x01C6 4030
INTMSKSETR
USB Interrupt Mask Set Register
0x01C6 4034
INTMSKCLRR
USB Interrupt Mask Clear Register
0x01C6 4038
INTMASKEDR
USB Interrupt Source Masked Register
0x01C6 403C
EOIR
USB End of Interrupt Register
0x01C6 4040
INTVECTR
USB Interrupt Vector Register
0x01C6 4080
TCPPICR
TX CPPI Control Register
0x01C6 4084
TCPPITDR
TX CPPI Teardown Register
0x01C6 4088
TCPPIEOIR
TX CPPI DMA Controller End of Interrupt Register
0x01C6 408C
TCPPIIVECTR
TX CPPI DMA Controller Interrupt Vector Register
0x01C6 4090
TCPPIMSKSR
TX CPPI Masked Status Register
0x01C6 4094
TCPPIRAWSR
TX CPPI Raw Status Register
0x01C6 4098
TCPPIIENSETR
TX CPPI Interrupt Enable Set Register
0x01C6 409C
TCPPIIENCLRR
TX CPPI Interrupt Enable Clear Register
0x01C6 40C0
RCPPICR
RX CPPI Control Register
0x01C6 40D0
RCPPIMSKSR
RX CPPI Masked Status Register
0x01C6 40D4
RCPPIRAWSR
RX CPPI Raw Status Register
0x01C6 40D8
RCPPIENSETR
RX CPPI Interrupt Enable Set Register
0x01C6 40DC
RCPPIIENCLRR
RX CPPI Interrupt Enable Clear Register
0x01C6 40E0
RBUFCNT0
RX Buffer Count 0 Register
0x01C6 40E4
RBUFCNT1
RX Buffer Count 1 Register
0x01C6 40E8
RBUFCNT2
RX Buffer Count 2 Register
0x01C6 40EC
RBUFCNT3
RX Buffer Count 3 Register
TX/RX CCPI Channel 0 State Block
0x01C6 4100
TCPPIDMASTATEW0
TX CPPI DMA State Word 0
0x01C6 4104
TCPPIDMASTATEW1
TX CPPI DMA State Word 1
0x01C6 4108
TCPPIDMASTATEW2
TX CPPI DMA State Word 2
0x01C6 410C
TCPPIDMASTATEW3
TX CPPI DMA State Word 3
0x01C6 4110
TCPPIDMASTATEW4
TX CPPI DMA State Word 4
186
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com