Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 189 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 185Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 186Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 187Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 188Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 189Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 190Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 191Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 192Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-67. USB2.0 Register Descriptions (continued)
Address
Acronym
Register Description
0x01C6 441A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host TX endpoint. (Index register set to select Endpoints 1 - 4 only)
0x01C6 441B
HOST_NAKLIMIT0
Sets the NAK response timeout on Endpoint 0. (Index register set to select
Endpoint 0)
0x01C6 441B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host TX endpoint. (Index register set to select
Endpoints 1 - 4 only)
0x01C6 441C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host RX endpoint. (Index register set to select Endpoints 1 - 4 only)
0x01C6 441D
HOST_RXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host RX endpoint. (Index register set to select
Endpoints 1 - 4 only)
0x01C6 441F
CONFIGDATA
Returns details of core configuration (Index register set to select Endpoint 0)
0x01C6 4420
FIFO0
TX and RX FIFO Register for Endpoint 0
0x01C6 4424
FIFO1
TX and RX FIFO Register for Endpoint 1
0x01C6 4428
FIFO2
TX and RX FIFO Register for Endpoint 2
0x01C6 442C
FIFO3
TX and RX FIFO Register for Endpoint 3
0x01C6 4430
FIFO4
TX and RX FIFO Register for Endpoint 4
0x01C6 4462
TXFIFOSZ
TX Endpoint FIFO Size (Index register set to select Endpoints 0 - 4 only)
0x01C6 4463
RXFIFOSZ
RX Endpoint FIFO Size (Index register set to select Endpoints 0 - 4 only)
0x01C6 4464
TXFIFOADDR
TX Endpoint FIFO Address (Index register set to select Endpoints 0 - 4 only)
0x01C6 4466
RXFIFOADDR
RX Endpoint FIFO Address (Index register set to select Endpoints 0 - 4 only)
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG0
0x01C6 4480
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 4482
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 4483
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 4484
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 4486
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 4487
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG1
0x01C6 4488
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 448A
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 448B
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 448C
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 448E
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 448F
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
189
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com