Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 191 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 187Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 188Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 189Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 190Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 191Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 192Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 193Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 194Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-67. USB2.0 Register Descriptions (continued)
Address
Acronym
Register Description
Control and Status Register for Endpoint 0 - EOCSR0
0x01C6 4502
PERI_CSR0
Control Status Register for Endpoint 0 in Peripheral mode
HOST_CSR0
Control Status Register for Endpoint 0 in Host mode
0x01C6 4508
COUNT0
Number of Received Bytes in Endpoint 0 FIFO
0x01C6 450A
HOST_TYPE0
Defines the Speed of Endpoint 0
0x01C6 450B
HOST_NAKLIMIT0
Sets the NAK response timeout on Endpoint 0.
0x01C6 450F
CONFIGDATA
Returns details of core configuration
Control and Status Register for Endpoint 1 - EOCSR1
0x01C6 4510
TXMAXP
Maximum Packet size for Peripheral/Host TX Endpoint
0x01C6 4512
PERI_TXCSR
Control Status Register for Peripheral TX Endpoint
HOST_TXCSR
Control Status Register for Host TX Endpoint
0x01C6 4514
RXMAXP
Maximum Packet Size for Peripheral/Host RX Endpoint
0x01C6 4516
PERI_RXCSR
Control Status Register for Peripheral RX Endpoint
HOST_RXCSR
Control Status Register for Host RX Endpoint
0x01C6 4518
RXCOUNT
Number of Bytes in Host RX Endpoint FIFO
0x01C6 451A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host TX endpoint.
0x01C6 451B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host TX endpoint.
0x01C6 451C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host RX endpoint.
0x01C6 451D
HOST_RXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host RX endpoint.
Control and Status Register for Endpoint 2 - EOCSR2
0x01C6 4520
TXMAXP
Maximum Packet Size for Peripheral/Host TX Endpoint
0x01C6 4522
PERI_TXCSR
Control Status Register for Peripheral TX Endpoint
HOST_TXCSR
Control Status Register for Host TX Endpoint
0x01C6 4524
RXMAXP
Maximum Packet Size for Peripheral/Host RX Endpoint
0x01C6 4526
PERI_RXCSR
Control Status Register for Peripheral RX Endpoint
HOST_RXCSR
Control Status Register for Host RX Endpoint
0x01C6 4528
RXCOUNT
Number of Bytes in Host RX Endpoint FIFO
0x01C6 452A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host TX endpoint.
0x01C6 452B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host TX endpoint.
0x01C6 452C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host RX endpoint.
0x01C6 452D
HOST_RXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host RX endpoint.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
191
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com