Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 190 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 186Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 187Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 188Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 189Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 190Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 191Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 192Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 193Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-67. USB2.0 Register Descriptions (continued)
Address
Acronym
Register Description
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG2
0x01C6 4490
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 4492
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 4493
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 4494
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 4496
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 4497
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG3
0x01C6 4498
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 449A
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 449B
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 449C
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 449E
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 449F
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG4
0x01C6 44A0
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 44A2
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 44A3
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 44A4
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 44A6
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 44A7
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
190
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com