Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 188 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 184Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 185Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 186Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 187Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 188Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 189Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 190Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 191Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-67. USB2.0 Register Descriptions (continued)
Address
Acronym
Register Description
TX/RX CCPI Channel 3 State Block
0x01C6 41C0
TCPPIDMASTATEW0
TX CPPI DMA State Word 0
0x01C6 41C4
TCPPIDMASTATEW1
TX CPPI DMA State Word 1
0x01C6 41C8
TCPPIDMASTATEW2
TX CPPI DMA State Word 2
0x01C6 41CC
TCPPIDMASTATEW3
TX CPPI DMA State Word 3
0x01C6 41D0
TCPPIDMASTATEW4
TX CPPI DMA State Word 4
0x01C6 41D4
TCPPIDMASTATEW5
TX CPPI DMA State Word 5
0x01C6 41D8
TCPPIDMASTATEW6
TX CPPI DMA State Word 6
0x01C6 41DC
TCPPICOMPPTR
TX CPPI Completion Pointer
0x01C6 41E0
RCPPIDMASTATEW0
RX CPPI DMA State Word 0
0x01C6 41E4
RCPPIDMASTATEW1
RX CPPI DMA State Word 1
0x01C6 41E8
RCPPIDMASTATEW2
RX CPPI DMA State Word 2
0x01C6 41EC
RCPPIDMASTATEW3
RX CPPI DMA State Word 3
0x01C6 41F0
RCPPIDMASTATEW4
RX CPPI DMA State Word 4
0x01C6 41F4
RCPPIDMASTATEW5
RX CPPI DMA State Word 5
0x01C6 41F8
RCPPIDMASTATEW6
RX CPPI DMA State Word 6
0x01C6 41FC
RCPPICOMPPTR
RX CPPI Completion Pointer
Core Registers
0x01C6 4400
FADDR
Function Address Register
0x01C6 4401
POWER
Power Management Register
0x01C6 4402
INTRTX
Interrupt Register for Endpoint 0 plus TX Endpoints 1 to 4
0x01C6 4404
INTRRX
Interrupt Register for RX Endpoints 1 to 4
0x01C6 4406
INTRTXE
Interrupt Enable Register for INTRTX
0x01C6 4408
INTRRXE
Interrupt Enable Register for INTRRX
0x01C6 440A
INTRUSB
Interrupt Register for Common USB Interrupts
0x01C6 440B
INTRUSBE
Interrupt Enable Register for INTRUSB
0x01C6 440C
FRAME
Frame Number Register
0x01C6 440E
INDEX
Index register for selecting the endpoint status and control registers
0x01C6 440F
TESTMODE
Register to enable the USB 2.0 test modes
0x01C6 4410
TXMAXP
Maximum packet size for peripheral/host TX endpoint (Index register set to select
Endpoints 1 - 4 only)
PERI_CSR0
Control Status register for Endpoint 0 in Peripheral mode. (Index register set to
select Endpoint 0)
HOST_CSR0
Control Status register for Endpoint 0 in Host mode. (Index register set to select
Endpoint 0)
0x01C6 4412
PERI_TXCSR
Control Status register for peripheral TX endpoint. (Index register set to select
Endpoints 1 - 4)
HOST_TXCSR
Control Status register for host TX endpoint. (Index register set to select
Endpoints 1 - 4)
0x01C6 4414
RXMAXP
Maximum packet size for peripheral/host RX endpoint (Index register set to select
Endpoints 1 - 4 only)
PERI_RXCSR
Control Status register for peripheral RX endpoint. (Index register set to select
Endpoints 1 - 4)
0x01C6 4416
HOST_RXCSR
Control Status register for host RX endpoint. (Index register set to select
Endpoints 1 - 4)
COUNT0
Number of received bytes in Endpoint 0 FIFO. (Index register set to select
Endpoint 0)
0x01C6 4418
RXCOUNT
Number of bytes in host RX endpoint FIFO. (Index register set to select
Endpoints 1 - 4)
0x01C6 441A
HOST_TYPE0
Defines the speed of Endpoint 0
188
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com