Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 173 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 169Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 170Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 171Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 172Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 173Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 174Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 175Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 176Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.13.2 Video Processing Back-End (VPBE)
The video processing back-end (VPBE) consists of the on-screen display (OSD) module, the video
encoder (VENC) including the digital LCD (DLCD) and analog (i.e., DAC) interfaces. The video encoder
generates analog video output. The DLCD controller generates digital RGB/YCbCr data output and timing
signals.
The VPBE register memory mapping is shown in Table 6-57.
Table 6-57. VPBE Register Descriptions
Address
Register
Description
0x01C7 2780
PID
Peripheral Revision and Class Information Register
0x01C7 2784
PCR
Peripheral Control Register
6.13.2.1 On-Screen Display (OSD)
The major function of the OSD module is to gather and blend video data and display/bitmap data before
feeding it to the Video Encoder (VENC) in YCbCr format. The video and display data is read from an
external memory, typically DDR2. The OSD is programmed via control and parameter registers. The
following are the primary features that are supported by the OSD.
•
Simultaneous display of two video windows and two OSD windows (VIDWIN0/VIDWIN1 and
OSDWIN0/OSDWIN1).
–
Separate enable for each window
–
Programmable width, height, and base starting coordinates for each window
–
External memory address and offset registers for each window
–
Support for x2 and x4 zoom in both the horizontal and vertical direction
–
OSDWIN1 can be used as an attribute window for OSDWIN0
–
Attribute window blinking intervals
–
Field/frame mode for the windows (interlaced/progressive)
–
Eight step blending process between the OSD and video windows
–
Transparency support for the OSD and video data (when a bitmap pixel is zero, there will be no
blending for that corresponding video pixel)
–
Resize from VGA to NTSC/PAL (640x480 to 720x576) for both the OSD and video windows
–
Reads in YCbCr data in 4:2:2 format from external memory, with the capability for swapping the
order of the CbCr component in the 32-bit word (this is relevant to the two video windows)
–
Support for a ping-pong buffer scheme that can be used for VIDWIN0 (allows for video data to be
accessed from two different locations in DDR2)
–
Each OSD window (either one, but not both at the same time) is capable of reading in RGB data
(16-bit data with six bits for the Green and five bits each for the Red and Blue colors) instead of
bitmap data in YCbCr format restricted to a maximum of 8-bits
–
The OSD bitmap data width is selectable between 1, 2, 4, or 8-bits.
–
Each OSD window supports 16 entries for the bitmap (to index into a 256 entry RAM/ROM CLUT
table).
–
Indirect support for 24-bit RGB input data (which will be transformed into 16-bit YCbCr video
window data) via the wrapper interface in the VPBE.
•
Support for a rectangular cursor window and a programmable background color selection.
–
Programmable color palette with the ability to select between a RAM/ROM table with support for
256 colors.
–
The width, height, and color of the cursor is programmable.
–
The display priority is: Rectangular-Cursor > OSDWIN1 > OSDWIN0 > VIDWIN1 > VIDWIN0 >
background color
•
Support for attenuation of the YCbCr values for the REC601 standard.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
173
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com