Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 176 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 172Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 173Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 174Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 175Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 176Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 177Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 178Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 179Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.13.2.2 Video Encoder (VENC)
Analog/DACs interface of the video encoder (VENC) supports the following features.
•
Master clock input - 27MHz (x2 Upsampling)
•
SDTV support
–
Composite NTSC-M, PAL-B/D/G/H/I
–
S-video (Y/C)
–
Component YPbPr (SMPTE/EBU N10, Betacam, MII)
–
RGB
–
Non-interlace
–
CGMS/WSS
–
Line 21 closed caption data encoding
–
Chroma low pass filter 1.5MHz/3MHz
–
Programmable SC-H phase
•
HDTV support
–
Progressive output (525p/625p)
–
Component YPbPr
–
RGB
–
CGMS/WSS
•
4 10-bit over-sampling D/A converters
•
Optional 7.5% pedestal
•
16-235/0-255 input amplitude selectable
•
Programmable luma delay
•
Master/slave operation
•
Internal color bar generation (100%/75%)
The digital LCD controller (DLCD) of the VENC supports the following features.
•
Programmable DCLK
•
Various output formats
–
YCbCr 16-bit
–
YCbCr 8-bit
–
ITU-R BT. 656
–
Parallel RGB 24-bit
•
Low pass filter for digital RGB output
•
Programmable timing generator
•
Master/slave operation
•
Internal color bar generation (100%/75%)
The VENC register memory mapping including the digital LCD and DACs is shown in Table 6-59.
176
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com