Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 166 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 162Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 163Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 164Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 165Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 166Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 167Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 168Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 169Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-50. Resizer Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0C00
PID
Peripheral Revision and Class Information
0x01C7 0C04
PCR
Peripheral Control Register
0x01C7 0C08
RSZ_CNT
Resizer Control Bits
0x01C7 0C0C
OUT_SIZE
Output Width and Height After Resizing
0x01C7 0C10
IN_START
Input Starting Information
0x01C7 0C14
IN_SIZE
Input Width and Height Before Resizing
0x01C7 0C18
SDR_INADD
Input SDRAM Address
0x01C7 0C1C
SDR_INOFF
SDRAM Offset for the Input Line
0x01C7 0C20
SDR_OUTADD
Output SDRAM Address
0x01C7 0C24
SDR_OUTOFF
SDRAM Offset for the Output Line
0x01C7 0C28
HFILT10
Horizontal Filter Coefficients 1 and 0
0x01C7 0C2C
HFILT32
Horizontal Filter Coefficients 3 and 2
0x01C7 0C30
HFILT54
Horizontal Filter Coefficients 5 and 4
0x01C7 0C34
HFILT76
Horizontal Filter Coefficients 7 and 6
0x01C7 0C38
HFILT98
Horizontal Filter Coefficients 9 and 8
0x01C7 0C3C
HFILT1110
Horizontal Filter Coefficients 11 and 10
0x01C7 0C40
HFILT1312
Horizontal Filter Coefficients 13 and 12
0x01C7 0C44
HFILT1514
Horizontal Filter Coefficients 15 and 14
0x01C7 0C48
HFILT1716
Horizontal Filter Coefficients 17 and 16
0x01C7 0C4C
HFILT1918
Horizontal Filter Coefficients 19 and 18
0x01C7 0C50
HFILT2120
Horizontal Filter Coefficients 21 and 20
0x01C7 0C54
HFILT2322
Horizontal Filter Coefficients 23 and 22
0x01C7 0C58
HFILT2524
Horizontal Filter Coefficients 25 and 24
0x01C7 0C5C
HFILT2726
Horizontal Filter Coefficients 27 and 26
0x01C7 0C60
HFILT2928
Horizontal Filter Coefficients 29 and 28
0x01C7 0C64
HFILT3130
Horizontal Filter Coefficients 31 and 30
0x01C7 0C68
VFILT10
Vertical Filter Coefficients 1 and 0
0x01C7 0C6C
VFILT32
Vertical Filter Coefficients 3 and 2
0x01C7 0C70
VFILT54
Vertical Filter Coefficients 5 and 4
0x01C7 0C74
VFILT76
Vertical Filter Coefficients 7 and 6
0x01C7 0C78
VFILT98
Vertical Filter Coefficients 9 and 8
0x01C7 0C7C
VFILT1110
Vertical Filter Coefficients 11 and 10
0x01C7 0C80
VFILT1312
Vertical Filter Coefficients 13 and 12
0x01C7 0C84
VFILT1514
Vertical Filter Coefficients 15 and 14
0x01C7 0C88
VFILT1716
Vertical Filter Coefficients 17 and 16
0x01C7 0C8C
VFILT1918
Vertical Filter Coefficients 19 and 18
0x01C7 0C90
VFILT2120
Vertical Filter Coefficients 21 and 20
0x01C7 0C94
VFILT2322
Vertical Filter Coefficients 23 and 22
0x01C7 0C98
VFILT2524
Vertical Filter Coefficients 25 and 24
0x01C7 0C9C
VFILT2726
Vertical Filter Coefficients 27 and 26
0x01C7 0CA0
VFILT2928
Vertical Filter Coefficients 29 and 28
0x01C7 0CA4
VFILT3130
Vertical Filter Coefficients 31 and 30
0x01C7 0CA8
YENH
Luminance Enhancer
166
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com