Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Introduction
21
December 1999 − Revised October 2008
SPRS098D
Table 2−3. Signal Descriptions (Continued)
PIN NAME
DESCRIPTION
TYPE†
GENERAL-PURPOSE I/O PINS
A_XF
B_XF
O/Z
External flag output (latched software-programmable output-only signal). Bit-addressable. A_XF and
B_XF are placed into the high-impedance state when OFF is low.
A_GPIO0
I/O/Z
A_ROMEN
I
General-purpose I/O pins. The secondary function of these pins. In XIO mode, the
ROM enable (ROMEN) pins are used to enable the applicable on-chip ROM after
A_GPIO0
B_GPIO0
I/O/Z
B_ROMEN
I
ROM enable (ROMEN) pins are used to enable the applicable on-chip ROM after
reset.
A_GPIO1
B_GPIO1
I/O/Z
General-purpose I/O pins (software-programmable I/O signal). Values can be latched (output) by writ-
ing into the GPIO register. The states of GPIO pins (inputs) can be read by reading the GPIO register.
The GPIO direction is also programmable by way of the DIRn field in the GPIO register.
A_GPIO2/BIO
B_GPIO2/BIO
I/O/Z
General-purpose I/O. These pins can be configured like GPIO0−GPIO1; however, as an input, the pins
operate as the traditional branch control bit (BIO). If application code does not perform BIO-conditional
instructions, these pins operate as general inputs.
PRIMARY
A_GPIO3 (A_TOUT)
B_GPIO3 (B_TOUT)
I/O/Z
IOSTRB
O
When the device is in HPI mode and HMODE = 0 (multiplexed), these pins act
according to the general-purpose I/O control register. TOUT bit must be set to “1”
to drive the timer output on the pin. IF TOUT = 0, then these pins are
B_GPIO3 (B_TOUT)
I/O/Z
IS
O
to drive the timer output on the pin. IF TOUT = 0, then these pins are
general-purpose I/Os. In EMIF mode (XIO = 1), these signals are active during I/O
space accesses.
MEMORY CONTROL SIGNALS
Program space select signal. The PS signal is asserted during external program space accesses. This pin
is placed into the high-impedance state when OFF is low.
This pin is also multiplexed with the HPI, and functions as the HDS1 data strobe input signal in HPI mode.
Refer to the HPI section of this table for details on the secondary function of this pin.
PS‡§
DS‡§
IS
O/Z
Data space select signal. The DS signal is asserted during external data space accesses. This pin is
placed into the high-impedance state when OFF is low.
This pin is also multiplexed with the HPI, and functions as the HDS2 data strobe input signal in HPI mode.
Refer to the HPI section of this table for details on the secondary function of this pin.
I/O space select signal. The IS signal is asserted during external I/O space accesses. This pin is placed
into the high-impedance state when OFF is low.
This pin is also multiplexed with the general-purpose I/O feature, and functions as the B_GPIO3 (B_TOUT)
input/output signal in HPI mode. Refer to the General-Purpose I/O section of this table for details on the
secondary function of this pin.
MSTRB‡§
O/Z
Program and data memory strobe (active in EMIF mode). This pin is placed into the high-impedance state
when OFF is low.
READY
I
Data-ready input signal. READY indicates that the external device is prepared for a bus transaction to be
completed. If the device is not ready (READY = 0), the processor waits one cycle and checks READY
again. The processor performs the READY detection if at least two software wait states are programmed.
This pin is also multiplexed with the HPI, and functions as the host-port data ready (output) in HPI mode.
Refer to the HPI section of this table for details on the secondary function of this pin.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com